PART |
Description |
Maker |
AFCT-5760TPZ |
Families of Small Form Factor Pluggable (SFP) Optical Transceivers
|
AVAGO TECHNOLOGIES LIMI...
|
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
V23818-K305-L17 V23818-K305-L55 V23818-K305-L57 V2 |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling), 1.25 GBit/s LC, 2x5, 3.3V Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC Connector Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LCConnector
|
Infineon Technologies AG
|
V23818-N15-L17 V23818-N15-L16 V23818-N15-L353 V238 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, collar, active data output if SD low Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, AC-AC Coupling ext. Temp Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, DC-DC Coupling ext. Temp Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC?/a> Connector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector
|
Infineon Technologies AG
|
THNCFXXXXMA |
Small Form Factor Card
|
Toshiba
|
2-2215032-1 2-2215032-3 2-2215032-2 |
Small Form-Factor Pluggable
|
TE Connectivity Ltd
|
SPS-43-48H-CP-CDF-SD |
Small Form Factor Pluggable, Simple SC Connector
|
Source Photonics, Inc.
|
2018280--1 2018280--2 2018280--3 2018280--4 |
Small Form- Factor Pluggable (SFP) Seating
|
TE Connectivity Ltd
|
SZ5-M1 |
Superior Efficacy and Lumen output with Small Form Factor
|
Seoul Semiconductor
|
1888968-1 1888968-2 1888968-3 1888972-1 1888972-2 |
Quad Small Form- factor Pluggable (QSFP) Products
|
Tyco Electronics
|
V23818-N15-L656 V23818-N15-L653 V23818-N15-L616 IN |
Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LCConnector, with Collar 纤巧单模1300波长多速率可达2.5 Gbit / s的收发器的LC⑩连x10钢钉,以 Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector, with Collar
|
Infineon Technologies AG
|
V23818-C18-L35 V23818-C18-L36 V23818-C18-L39 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC Connector Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR SINGLE MODE 1300 NM MULTIRATE UP TO 155 MBIT/S TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR
|
Infineon Technologies AG
|